công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-06B-102-C2-R0

  • AI
    The **ATS-06B-102-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45.00mm x 45.00mm | | **Height** | 25.00mm | | **Thermal Resistance** | 5.24°C/W (at 100 LFM) | | **Mounting Type** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **TIM (Thermal Interface Material)** | T766 (Pre-applied) | --- ### 2. Design Breakdown #### A. Fin Geometry (Straight Fin) The "B" in the part number indicates a **Straight Fin** design. This is optimized for systems with a steady flow of directional air (forced convection). The spacing between fins is calculated to balance surface area with pressure drop. #### B. Mounting Mechanism (Push-Pins) Unlike adhesive-based heat sinks, the **R0** suffix denotes a push-pin attachment. - **Benefits:** Provides consistent pressure for the Thermal Interface Material (TIM). - **Requirements:** Requires pre-drilled holes in the PCB (Printed Circuit Board). - **Springs:** Includes a brass or plastic compression spring to ensure the heat sink stays flush against the chip even during mechanical shock or vibration. #### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied to the base. This is a phase-change material or high-performance thermal pad that fills microscopic air gaps between the component and the heat sink, significantly improving heat transfer efficiency. --- ### 3. Part Number Decoder Understanding the naming convention helps in identifying variations: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer: Advanced Thermal Solutions | | **06** | Product Series (Push-Pin) | | **B** | Fin Style (Straight Fin) | | **102** | Specific Dimensions/Fin Count configuration | | **C2** | Thermal Performance Grade/Material Type | | **R0** | RoHS Compliant and specific packaging/revision | --- ### 4. Application Use-Cases This component is typically used in: - **Telecommunications:** Cooling network switches and routers. - **Embedded Systems:** Thermal management for industrial motherboards. - **Power Electronics:** Dissipating heat from high-load voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between straight fin and cross-cut fin designs in ATS heat sinks?
    • ⤷ How do I calculate if the 5.24°C/W thermal resistance is sufficient for my 15W component?
    • ⤷ Are there alternative mounting options if my PCB does not have pre-drilled holes?