ATS-05H-159-C1-R0
AI

The **ATS-05H-159-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series, designed for cooling specific electronic components like BGA (Ball Grid Array) packages, CPUs, or GPUs.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-05H-159-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 2.07°C/W (at 200 LFM) |
| **Footprint/Size** | 45mm x 45mm |
| **Height** | 10mm |
| **Fin Style** | Straight Fin |
---
## 2. Component Analysis
### A. Material and Coating
* **Aluminum 6063:** The heat sink is made from aluminum, which offers a balance of high thermal conductivity and low weight.
* **Blue Anodizing:** This chemical finish increases corrosion resistance and provides a slight improvement in surface emissivity, which aids in radiant heat transfer.
### B. Thermal Performance
Thermal resistance determines how effectively the part moves heat away from the electronics.
* **Low Airflow:** At 200 LFM (Linear Feet per Minute), the resistance is **2.07°C/W**.
* **High Airflow:** As air velocity increases, the thermal resistance drops, allowing for more aggressive cooling of high-wattage components.
### C. Mechanical Attachment
The "R0" suffix often indicates the specific mounting hardware configuration:
* **Push Pins:** These are spring-loaded pins that pass through pre-drilled holes in the PCB. They ensure constant pressure (Force) between the heat sink and the chip, which is critical for the thermal interface material (TIM) to work effectively.
* **Springs:** The pins usually include stainless steel or brass springs to provide a specific compression force without damaging the solder balls of the BGA component.
---
## 3. Applications
This part is commonly used in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where vertical space is limited (due to its 10mm low-profile height).
3. **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
---
- ⤷
What is the required PCB hole pattern for the ATS-05H-159-C1-R0?
- ⤷ How does the 'Straight Fin' design compare to 'Cross-Cut' fins in terms of airflow?
- ⤷ Which Thermal Interface Material (TIM) is recommended for use with this heat sink?