ATS-05H-101-C2-R0
AI

The part number **ATS-05H-101-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" attachment series designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 6.67°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Part Number Decoder
Understanding the nomenclature helps identify the exact features of the component:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **05H**: Series type/Height profile.
* **101**: Specific fin geometry and size configuration.
* **C2**: Material/Finish code (Aluminum with Blue Anodized finish).
* **R0**: RoHS compliance and revision status.
---
### 3. Key Electronic Functions
While a heat sink is a mechanical part, it serves critical electronic functions:
* **Thermal Management:** It increases the surface area of a semiconductor package, allowing heat to dissipate into the ambient air via convection.
* **Reliability:** By keeping the junction temperature ($T_j$) of a chip low, it prevents thermal throttling and extends the mean time between failures (MTBF).
* **Mechanical Stability:** The push-pin mechanism provides consistent pressure across the chip surface, ensuring the Thermal Interface Material (TIM) fills all microscopic air gaps for maximum conductivity.
---
### 4. Component Comparison
How this part compares to standard cooling solutions:
| Feature | ATS-05H-101-C2-R0 | Standard Adhesive Heat Sink |
| :--- | :--- | :--- |
| **Mounting** | Secure Push-Pin | Pressure Sensitive Adhesive (PSA) |
| **Heat Dissipation** | High (Cross-cut fins) | Low to Medium (Straight fins) |
| **Reusability** | Yes (Replace pins/TIM) | No (Adhesive degrades) |
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ Can this heat sink be used with a custom thermal interface material?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to black?