công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-05G-182-C2-R0

  • AI
    The part number **ATS-05G-182-C2-R0** refers to a high-performance **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. This specific component belongs to their "push-pin" series designed for cooling electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 7.51°C/W (at 100 LFM) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | | **Dimensions (L x W x H)** | 40mm x 40mm x 15mm | | **Fin Style** | Straight Fin | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature used by Advanced Thermal Solutions: * **ATS**: Prefix for Advanced Thermal Solutions. * **05G**: Refers to the specific series and mounting hardware style (Push-pin). * **182**: Unique identifier for the size and fin configuration. * **C2**: Denotes the material and finish (Blue Anodized Aluminum). * **R0**: Revision or packaging indicator. --- ### 3. Key Electronic Functions While the heatsink itself is a passive mechanical component, it is critical for the reliability of electronic systems: 1. **Thermal Dissipation**: It increases the surface area of a heat-generating component, allowing air to carry away heat more efficiently. 2. **Thermal Interface Material (TIM)**: The "T766" coating pre-applied to the base fills microscopic air gaps between the chip and the heatsink to maximize heat transfer. 3. **Pressure Management**: The push-pin mechanism uses a spring-loaded design to ensure a consistent, specific downward force (load) on the electronic chip, preventing damage while maintaining thermal contact. --- ### 4. Implementation Example ```python # Theoretical thermal calculation for this part power_dissipated = 5.0 # Watts ambient_temp = 25.0 # Celsius thermal_resistance = 7.51 # °C/W (at low airflow) # Calculate estimated junction temperature junction_temp = ambient_temp + (power_dissipated * thermal_resistance) print(f"Estimated Chip Temperature: {junction_temp}°C") # Result: 62.55°C (Safe for most silicon) ```
    ✨ Follow-up Questions
    • ⤷What are the specific hole patterns required for this push-pin mounting?
    • ⤷ How does the 'C2' blue anodized finish compare to black anodized in terms of performance?
    • ⤷ What is the maximum power dissipation (Watts) this heatsink can handle before thermal throttling?