ATS-05F-69-C2-R0
AI

The **ATS-05F-69-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling high-heat-generating electronic components like CPUs, GPUs, and power transistors.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Style** | Straight |
| **Fin Pattern** | Fine-Pitch (increases surface area) |
| **Thermal Resistance** | 11.56°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Design Elements
#### 1. PushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses a mechanical fastening system consisting of:
* **Brass/Plastic Pins:** Used to secure the sink to the PCB through pre-drilled holes.
* **Compression Springs:** These provide precisely calculated "Force and Pressure," ensuring optimal contact between the heat sink base and the electronic component.
#### 2. Fine-Pitch Fin Design
The "69" in the part number refers to a specific fin density/configuration. The straight fins are spaced to maximize air contact while minimizing air pressure drop. This makes it ideal for systems with active fan cooling (forced convection).
#### 3. Material and Finish
* **Aluminum:** Lightweight and provides excellent thermal conductivity.
* **Blue Anodized Finish:** This is not just aesthetic; the anodization protects the aluminum from corrosion and slightly improves heat radiation.
#### 4. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a phase-change material that fills microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance.
---
### Application Use Cases
This specific heat sink is typically found in:
* **Telecommunications:** Networking switches and routers.
* **Computing:** High-speed processors or memory modules.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does the T766 interface material compare to standard thermal paste?
- ⤷ Can this heat sink be used in passive cooling environments without a fan?