ATS-05F-53-C2-R0
AI

The **ATS-05F-53-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **heat sink** designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below are the key technical characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Heat Sink (Push-Pin Attachment) |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions** | 35.0mm x 35.0mm x 30.0mm |
| **Fin Style** | Straight Fin (Cross-cut) |
| **Thermal Resistance** | ~8.50°C/W (Unducted @ 200 LFM) |
| **Attachment Method** | Push-Pins with Compression Springs |
---
## 2. Key Features
* **Thermal Management:** Designed for optimal airflow through its vertical fins. The cross-cut design allows air to enter from multiple directions, improving performance in turbulent airflow environments.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This provides high reliability, consistent pressure, and makes it easier to remove or replace during maintenance.
* **Pre-Applied Thermal Interface Material (TIM):** This specific model typically comes with **T766** high-performance thermal phase change material pre-applied to the base, ensuring efficient heat transfer from the chip to the aluminum.
---
## 3. Physical Layout
### Dimensions (in mm)
* **Length (A):** 35.00
* **Width (B):** 35.00
* **Height (C):** 30.00
* **Hole Spacing (E):** 41.00 (Measured diagonally between push-pins)
---
## 4. Part Number Breakdown
The nomenclature `ATS-05F-53-C2-R0` can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **05:** Series Number
* **F:** Fin Type (Straight/Cross-cut)
* **53:** Size/Form factor code
* **C2:** Material/Finish (Blue Anodized Aluminum)
* **R0:** Revision or Packaging code
---
- ⤷
What is the significance of the 'Blue Anodized' finish for heat sinks?
- ⤷ How do I calculate if the 8.50°C/W thermal resistance is sufficient for my processor?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for push-pins?