ATS-05F-22-C2-R0
AI

The **ATS-05F-22-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *pushPIN™* series, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions** | 54.00mm x 54.00mm |
| **Height** | 12.70mm |
| **Fin Style** | Straight |
| **Thermal Resistance** | 13.83°C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied thermal grease) |
---
## 2. Key Components & Design
### A. The Heatsink Body
The main body is made of **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The "Straight-Fin" design allows for maximum airflow through the device, effectively dissipating heat from the component surface.
### B. pushPIN™ Attachment System
Instead of using adhesive tape or permanent solder, this part uses a mechanical attachment system:
* **Pins:** Plastic or brass pins that lock into pre-drilled holes on the PCB.
* **Springs:** Provides consistent "Point-of-Contact" pressure to ensure the heatsink remains flat against the heat source.
### C. Thermal Interface Material (TIM)
The base comes with **T766** pre-applied. This is a "Phase Change" or high-performance grease that fills microscopic air gaps between the chip and the metal, significantly improving heat transfer efficiency.
---
## 3. Part Number Breakdown
The nomenclature reveals the specific configuration:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **05:** Series/Style.
* **F:** Fin pitch/density.
* **22:** Specific dimension code.
* **C2:** Material/Color code (Aluminum, Blue Anodized).
* **R0:** Revision or packaging code.
---
## 4. Typical Applications
* **Voltage Regulator Modules (VRMs):** Managing heat in power delivery circuits.
* **Processors/FPGAs:** Cooling small-to-mid-sized integrated circuits.
* **Telecommunications Equipment:** Ensuring components in routers and switches stay within operational temperatures.
- ⤷
How does the 'LFM' airflow rating affect the thermal resistance of this heatsink?
- ⤷ Can this heatsink be reused if moved to a different PCB?
- ⤷ What are the advantages of blue anodized finish over standard aluminum?