ATS-05F-161-C2-R0
AI

The **ATS-05F-161-C2-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS) push-pin heat sink** designed for cooling integrated circuits (ICs) and surface-mount components.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Brass (Compression Spring) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
| **Thermal Resistance** | 4.74°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design Features
The part utilizes a specific "Fine Pitch" fin pattern designed to maximize surface area for heat dissipation.
#### Key Components:
1. **Heat Sink Body:** Square 45mm aluminum base with vertical fins.
2. **Push-Pins:** Two plastic pins that snap into pre-drilled holes on a Printed Circuit Board (PCB).
3. **Springs:** Compression springs provide consistent downward pressure, ensuring high thermal conductivity between the chip and the heat sink.
4. **T766 TIM:** A pre-applied phase-change material or grease that fills microscopic air gaps between the component and the sink.
---
### 3. Performance Analysis (Thermal Resistance)
The efficiency of this part depends on the airflow (measured in Linear Feet per Minute - LFM) within the electronic enclosure.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Unducted)** | 4.74 |
| **200 (Unducted)** | 2.57 |
| **400 (Unducted)** | 1.86 |
| **600 (Unducted)** | 1.54 |
---
### 4. Part Number Breakdown (Nomenclature)
`ATS-05F-161-C2-R0`
* **ATS:** Manufacturer prefix.
* **05:** Series/Designator.
* **F:** Fin pitch/Density.
* **161:** Specific model/size code.
* **C2:** Blue Anodized finish.
* **R0:** Revision/Packaging code.
---
### 5. Application Use Cases
* **BGA Cooling:** Ball Grid Array processors or chipsets.
* **Networking Gear:** Cooling chips in routers, switches, and firewalls.
* **Industrial PCs:** Thermal management for high-load industrial controllers.
- ⤷
How do I calculate the required hole pattern on my PCB for this heat sink?
- ⤷ What are the benefits of blue anodized finishes versus plain aluminum?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?