ATS-05F-16-C2-R0
AI

The **ATS-05F-16-C2-R0** is a high-performance electronic thermal management component, specifically an **Aluminum Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 15mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 18.08°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. The pushPIN™ Attachment
Unlike adhesive tapes that can fail over time, this part uses a **pushPIN™** system.
* **Mechanism:** It consists of a brass or plastic pin with a compressed spring.
* **Function:** It provides consistent pressure across the component surface, ensuring the best possible contact with the heat source.
* **Requirement:** The PCB must have pre-drilled holes (typically 3.2mm) to accommodate the pins.
#### B. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves "emissivity," which helps with heat radiation.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base.
* This is a "Phase Change" or high-performance thermal pad that fills microscopic air gaps between the chip and the heat sink.
* It eliminates the need for manual application of thermal paste.
---
### 3. Performance Data
Thermal performance is dependent on airflow (measured in Linear Feet per Minute - LFM):
| Airflow Speed (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 18.08 |
| 300 (1.5 m/s) | 8.32 |
| 500 (2.5 m/s) | 5.94 |
| 700 (3.5 m/s) | 4.90 |
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Networking switches and routers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators in high-density layouts.
- ⤷
How does the pushPIN™ attachment compare to thermal adhesive tape?
- ⤷ What are the PCB hole requirements for mounting this specific heat sink?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?