ATS-05F-124-C2-R0
AI

The **ATS-05F-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its technical specifications and electronic application.
---
### 1. Technical Specifications
The part belongs to the **pushPIN™** line, designed for efficient heat dissipation from surface-mount components like CPUs, GPUs, or power transistors.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing)** | 1.10 °C/W (@ 100 LFM) |
| **Thermal Resistance (Unducted)** | 3.29 °C/W |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 25.00mm |
| **Pitch** | Fine Pitch |
---
### 2. Physical Design Features
* **Fin Pattern:** It utilizes a **Cross-Cut** fin design. This allows for multi-directional airflow, making it versatile for systems where air might not flow in a single straight path.
* **Attachment Mechanism:** The "pushPIN" system consists of a brass or plastic pin with a stainless steel spring. This ensures even pressure across the electronic component (TIM - Thermal Interface Material), preventing damage while maintaining maximum contact.
* **C2 Designation:** This refers to the specific material/finish, which in this case is **Aluminum with a Blue Anodized finish**, providing better corrosion resistance and slightly improved radiative cooling.
---
### 3. Electronic Application
This part is typically used in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processors in routers or switches.
2. **Power Electronics:** Dissipating heat from MOSFETs or IGBTs in power supply units (PSUs).
3. **Embedded Systems:** Industrial PCs where space is limited but high heat dissipation is required.
---
### 4. Thermal Performance Data
Electronic engineers select this part based on its performance across different airflow speeds (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 3.29 | 1.58 | 1.21 |
- ⤷
What is the significance of the 'Fine Pitch' fin design in this model?
- ⤷ How do I determine if the 50x50mm footprint fits my PCB layout?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for the ATS-05F?