ATS-05D-80-C2-R0
AI

The **ATS-05D-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-05D-80-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 30mm x 30mm x 25mm |
| **Thermal Resistance** | 1.88° C/W (@ 100 LFM) |
| **Flow Direction** | Vertical (Push) |
---
## Key Electronic Characteristics
### 1. pushPIN™ Attachment System
The "R0" suffix indicates the use of the **pushPIN™** attachment mechanism. This consists of a brass or plastic pin with a stainless steel spring.
- **Benefit:** It provides a precise and repeatable force (pressure) on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM).
### 2. Fin Design: "pushPIN™ Fine-Pitch"
The fins are designed for high-density airflow. In electronic enclosures where space is limited, the fine-pitch design maximizes surface area within a small footprint (30mm x 30mm).
### 3. Thermal Interface Material (TIM)
Typically, these units come pre-applied with a high-performance thermal pad or grease. This fills the microscopic air gaps between the component's surface and the heat sink base to increase thermal conductivity.
### 4. Thermal Resistance Profile
The efficiency of this part is measured by its resistance to heat flow. Lower values are better:
- **@ 100 LFM (Linear Feet per Minute):** 1.88° C/W
- **@ 500 LFM:** 0.81° C/W
*This means the heat sink becomes significantly more efficient as the fan speed (airflow) increases.*
---
## Typical Applications
* **Embedded Systems:** Cooling small-form-factor processors.
* **Telecommunications:** Cooling ASICs and FPGAs in networking switches.
* **Power Supplies:** Dissipating heat from MOSFETs and voltage regulators.
- ⤷
What are the mounting hole dimensions required for the pushPIN attachment?
- ⤷ How does the Blue Anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?