công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-05D-50-C2-R0

  • AI
    The **ATS-05D-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **Blue-Anodized maxiFLOW™** series, designed for high-efficiency cooling of surface-mount components like CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications The part is characterized by its physical dimensions and thermal properties, which are critical for electronic circuit protection. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 36.83mm x 36.83mm (Base) | | **Height** | 15.00mm | | **Attachment Method** | Push-Pin (Brass or Plastic) | | **Thermal Resistance** | 1.90°C/W (at 200 LFM) | | **Spring Type** | Compression Spring | --- ### 2. Key Electronic Components & Design The "Electronic" functionality of this part lies in its mechanical integration with the PCB to prevent thermal throttling or component failure. #### A. The maxiFLOW™ Fin Pattern The heat sink utilizes a **spread-fin architecture**. Unlike traditional straight-fin sinks, these fins flare outward. This design: * Reduces pressure drop across the sink. * Maximizes surface area for convective heat transfer. * Increases the effectiveness of existing airflow within the electronic enclosure. #### B. Attachment Mechanism (Push-Pin & Spring) The part uses a **Push-Pin** mounting system. In electronic assembly: * **The Pin:** Fits into pre-drilled holes in the PCB. * **The Spring:** Provides a specific "Normal Force" (measured in lbs/sq inch). This ensures the heat sink remains in constant contact with the semiconductor die, even under vibration or thermal expansion. #### C. Thermal Interface Material (TIM) The "R0" suffix usually indicates the inclusion of a high-performance **Thermal Interface Material** (pre-applied phase-change material or pad) on the base. This fills microscopic air gaps between the heat sink and the electronic chip to improve conductivity. --- ### 3. Electronic Application Use Cases This specific heat sink is typically found in: 1. **Telecommunications:** Cooling high-speed switching silicon. 2. **Embedded Systems:** Industrial PCs where fan space is limited. 3. **Power Electronics:** Dissipating heat from MOSFET arrays or Voltage Regulator Modules (VRMs). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the C1 and C2 versions of this heat sink?
    • ⤷ How do I calculate if the 1.90°C/W thermal resistance is sufficient for my chip?
    • ⤷ What are the PCB hole requirements for the push-pin mounting?