công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-05D-34-C2-R0

  • AI
    The **ATS-05D-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions** | 35mm x 35mm x 25mm | | **Fin Style** | Straight Fin | | **Thermal Resistance** | 6.73°C/W (at 100 LFM) | | **Compliance** | RoHS Compliant | --- ### 2. Key Electronic Functions While the heat sink itself does not have circuitry, its role in an electronic system is critical for stability: * **Thermal Dissipation:** It increases the surface area of the heat-generating component, allowing air to carry away heat more efficiently via convection. * **pushPIN™ Technology:** This specific model uses a specialized attachment system that includes a high-performance thermal interface material (TIM) pre-applied, ensuring uniform pressure and optimal heat transfer from the silicon die. * **Fluid Dynamics:** The straight-fin design is optimized for environments with a specific airflow direction, minimizing the "pressure drop" across the board. --- ### 3. Usage Context This part is commonly found in the following electronic applications: 1. **Telecommunications:** Cooling signal processing chips. 2. **Embedded Systems:** Industrial PCs where space is limited but cooling demands are high. 3. **Power Supplies:** Cooling voltage regulators or MOSFETs that operate at high temperatures. --- ### 4. Cross-Reference / Part Number Breakdown The part number can be decoded as follows: * **ATS:** Advanced Thermal Solutions (Manufacturer) * **05:** Series/Base Size * **D:** Performance/Material grade * **34:** Specific design/height iteration * **C2:** Blue Anodized finish * **R0:** Revision/Packaging code
    ✨ Follow-up Questions
    • ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
    • ⤷ How do I calculate the thermal resistance needed for my specific CPU?
    • ⤷ Does this model come with pre-applied thermal paste?