công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-05D-19-C2-R0

  • AI
    The **ATS-05D-19-C2-R0** is a specific model of a **High-Performance Heat Sink** manufactured by Advanced Thermal Solutions (ATS). While it does not contain silicon or circuitry, it is a critical thermal management component used to protect electronic parts from overheating. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 54.00mm x 54.00mm | | **Height** | 20.00mm | | **Fin Style** | Straight Fin | | **Attachment Method** | pushPIN™ (Spring-loaded bolts) | | **Thermal Resistance** | 9.77°C/W (at 100 LFM) | --- ### 2. Key Features of the Design * **pushPIN™ Attachment:** This model uses a spring-loaded mechanism that ensures even pressure across the processor or component, preventing damage and maximizing heat transfer. * **AL6063 Aluminum:** This specific grade of aluminum is chosen for its excellent thermal conductivity and structural integrity. * **Blue Anodized Coating:** The finish is not just for aesthetics; it provides corrosion resistance and increases surface emissivity, slightly improving heat radiation. * **High-Flow Design:** The straight-fin configuration is optimized for systems with consistent directional airflow. --- ### 3. Applications in Electronics The ATS-05D-19-C2-R0 is typically used to cool the following types of electronic parts: 1. **CPUs and Microprocessors:** Found in embedded systems or industrial PCs. 2. **ASICs and FPGAs:** Used in networking gear or signal processing where high heat is generated in a small area. 3. **Power Transistors:** Cooling MOSFETs or IGBTs in power supply units. 4. **LED Arrays:** Dissipating heat from high-output LED drivers. --- ### 4. Thermal Performance Comparison Thermal resistance varies based on airflow (LFM - Linear Feet per Minute): | Airflow Velocity | 100 LFM (0.5 m/s) | 300 LFM (1.5 m/s) | 500 LFM (2.5 m/s) | | :--- | :--- | :--- | :--- | | **Thermal Resistance (°C/W)** | 9.77 | 4.18 | 2.78 | *Lower resistance is better, as it indicates the part can move heat away from the electronic component more efficiently.*
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct heat sink size for my specific electronic component?
    • ⤷ What is the difference between pushPIN and adhesive tape mounting for heat sinks?
    • ⤷ Are there copper versions of the ATS-05D-19-C2-R0 for better thermal conductivity?