ATS-04H-97-C2-R0
AI

The **ATS-04H-97-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed to provide high cooling efficiency in restricted spaces.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (LFM 200)** | 2.03 °C/W |
| **Thermal Resistance (LFM 700)** | 1.31 °C/W |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 12.70mm |
| **Fin Style** | XC (Cross-Cut) |
---
### 2. Key Components & Design Features
#### A. The Fin Geometry (XC / Cross-Cut)
The "XC" designation refers to the cross-cut fin pattern. Unlike straight-fin heat sinks, this design allows for **multi-directional airflow**. This is critical in modern electronic enclosures where air may not flow in a perfectly linear path.
#### B. The pushPIN™ Attachment System
This part uses a specialized attachment mechanism rather than thermal adhesive:
* **Secure Fit:** Provides high pressure to ensure optimal contact between the heat sink and the electronic component (CPU, GPU, or ASIC).
* **Compression Springs:** Built-in springs provide consistent force to prevent the heat sink from shifting during vibration or shipping.
#### C. Thermal Performance
The efficiency of this part is measured in **°C/W** (degrees Celsius per Watt).
* A resistance of **2.03 °C/W** at 200 LFM (Linear Feet per Minute) means that for every Watt of heat generated by the electronic chip, the chip's temperature will rise 2.03°C above the ambient air temperature.
---
### 3. Application Use Cases
The ATS-04H-97-C2-R0 is typically used for cooling:
1. **High-Speed Processors:** Small form factor CPUs.
2. **FPGA/ASICs:** In networking equipment and routers.
3. **Power Electronics:** Large MOSFET arrays or power converters.
4. **Telecommunications:** Systems requiring high reliability and secure physical mounting.
---
### 4. Part Number Breakdown
```text
ATS - 04 - H - 97 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Performance/Finish (Blue Anodized)
| | | +------------ Sequence Number (Internal)
| | +---------------- Fin Height/Series
| +--------------------- Number of Fins/Configuration
+-------------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What is the difference between pushPIN and thermal tape mounting for this part?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W chip?
- ⤷ Does the blue anodized finish provide any electrical insulation?