ATS-04H-87-C3-R0
AI

The **ATS-04H-87-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-power semiconductors and electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 2.72°C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 36.83mm x 46.45mm x 24.89mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight (maxiFLOW™ design) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
## 2. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic circuit is critical for the survival of active components:
### A. Heat Dissipation
The primary function is to increase the surface area of the heat-generating component (such as a BGA processor, FPGA, or Power MOSFET). This allows for more efficient heat transfer from the silicon die to the ambient air.
### B. Thermal Interface Material (TIM)
The "C3" in the part number indicates the presence of **T412** thermal tape. This is an electrically non-conductive, thermally conductive material that fills microscopic air gaps between the component and the heat sink to ensure maximum thermal conductivity.
### C. Mechanical Attachment (pushPIN™)
The part uses a specialized **pushPIN™** system. This ensures:
* **Constant Pressure:** Prevents damage to delicate BGA solder balls by maintaining even downward force.
* **Secure Fit:** Vibration-resistant mounting suitable for industrial and networking hardware.
---
## 3. Comparison of Airflow Performance
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 2.72 |
| 400 (2.0 m/s) | 2.02 |
| 600 (3.0 m/s) | 1.68 |
---
## 4. Typical Applications
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and processing modules.
* **Power Electronics:** Voltage regulators and high-current power supplies.
---
- ⤷What is the difference between the C1
- ⤷ C2
- ⤷ and C3 suffixes in ATS heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for my component's TDP?
- ⤷ Are there alternative mounting options if pushPIN is not supported on my PCB?