ATS-04H-86-C3-R0
AI

The **ATS-04H-86-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets.
Below is a detailed breakdown of its specifications and features.
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-04H-86-C3-R0 |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | Push Pins (Plastic/Brass) |
| **Thermal Interface** | T412 (Phase-change material) |
| **Shape** | Square (XC Cut) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the heat sink fits within the clearance constraints of a Printed Circuit Board (PCB).
* **Size:** 35mm x 35mm
* **Height:** 15mm
* **Fin Style:** Straight fin / Cross-cut (designed for multi-directional airflow).
---
### 3. Thermal Performance
Thermal resistance determines how effectively the component dissipates heat. The lower the $^\circ \text{C/W}$ value, the better the cooling.
| Airflow Velocity (LFM) | Thermal Resistance ($^\circ \text{C/W}$) |
| :--- | :--- |
| 200 (1.0 m/s) | 5.71 |
| 400 (2.0 m/s) | 3.51 |
| 600 (3.0 m/s) | 2.80 |
---
### 4. Key Components & Features
#### A. Attachment System (Push Pins)
Unlike adhesive tapes, this model uses a **spring-loaded push-pin system**.
* **Reliability:** Provides constant pressure (preload) for better thermal contact.
* **Installation:** Requires pre-drilled holes in the PCB.
#### B. Thermal Interface Material (TIM)
The part comes pre-applied with **T412**. This is a high-performance thermal pad/paste that melts at operating temperatures to fill microscopic air gaps between the chip and the heat sink.
#### C. Cross-Cut Fin Design
The fins are not just parallel lines; they are "cross-cut" (square pins/blocks). This allows airflow from any direction (omnidirectional) to effectively cool the part, making it ideal for enclosures with complex air currents.
---
### 5. Application Use Cases
* **Network Switches/Routers:** For cooling ASICs.
* **Embedded Systems:** High-heat microcontrollers.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What are the PCB hole diameter requirements for this push-pin heat sink?
- ⤷ How does the T412 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?