ATS-04H-80-C3-R0
AI

The **ATS-04H-80-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring Loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Thermal Resistance** | 7.21 °C/W (@ 100 LFM) |
| **Fin Pattern** | Square-Cut (Cross-Cut) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Key Features and Design
The part is part of the **pushPIN™** Heat Sink Assembly line, which focuses on ease of installation and high pressure for better thermal contact.
* **Fin Style:** It uses a cross-cut (pedestal) fin pattern. This design allows for multidirectional airflow, making it versatile for systems where air might not flow in a single straight line.
* **Attachment Mechanism:** It utilizes a **pushPIN™** system with a specific spring and brass/plastic pin. This ensures consistent pressure against the component, which is critical for the effectiveness of the Thermal Interface Material (TIM).
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T412**, a high-quality thermal tape or grease, ensuring efficient heat transfer from the chip to the aluminum fins.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the code **ATS-04H-80-C3-R0**:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **04:** Part of the pushPIN™ series family.
* **H:** High-performance thermal characteristic.
* **80:** Specific dimensional/fin configuration code.
* **C3:** Finish/Material code (Blue Anodized).
* **R0:** Revision/Packaging indicator.
---
### 4. Typical Applications
* **Embedded Systems:** For cooling microprocessors in industrial PCs.
* **Telecommunications:** Cooling of high-speed data chips.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the significance of the 7.21 °C/W thermal resistance rating?
- ⤷ Does this heat sink require a specific PCB hole pattern for installation?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?