ATS-04H-41-C3-R0
AI

The **ATS-04H-41-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 10.07°C/W (Unducted Flow @ 100 LFM) |
| **Fin Configuration** | Fine Pitch (Straight Fin) |
---
### 2. Design and Construction
The "electronic parts" of this assembly are mechanical in nature but critical for the electrical longevity of a system:
* **Heat Sink Body:** Extruded aluminum designed with a specific fin density to maximize surface area for convective cooling.
* **Push-Pin Mounting:** This model uses brass push-pins with a compression spring. This ensures consistent "TIM" (Thermal Interface Material) pressure against the electronic chip, which is vital for efficient heat transfer.
* **Thermal Interface Material (TIM):** This specific part number typically comes with **T412** pre-applied. T412 is a high-performance thermal tape/pad that fills microscopic air gaps between the heat sink and the electronic component.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify its specific electronic application:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **04** | Series/Pin Style (Push-Pin) |
| **H** | Fin Height / Profile Type |
| **41** | Specific Dimension Code (45mm footprint) |
| **C3** | Thermal Interface Material (T412) |
| **R0** | Revision/Packaging Code |
---
### 4. Application in Electronics
The ATS-04H-41-C3-R0 is used in environments where electronic components are at risk of thermal throttling or failure.
* **PCB Mounting:** It requires two pre-drilled holes in the PCB (Printed Circuit Board).
* **Airflow:** It is optimized for systems with active cooling (fans), as the fine-pitch fins require forced air to move heat away effectively.
- ⤷What is the hole-to-hole spacing required for this heat sink?
- ⤷ Can the T412 thermal material be replaced with liquid thermal paste?
- ⤷ What is the weight of the ATS-04H-41-C3-R0?