ATS-04H-192-C2-R0
AI

The **ATS-04H-192-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components like CPUs, GPUs, FPGAs, and power modules.
### 1. Technical Specifications
The following table highlights the physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 2.35°C/W @ 200 LFM (Linear Feet per Minute) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Straight Fin |
| **Weight** | ~50 grams |
---
### 2. Key Design Components
#### A. pushPIN™ Attachment System
The "04H" in the part number indicates the use of ATS’s proprietary **pushPIN™** system. This consists of:
* **Brass Springs:** Ensure consistent pressure (Load) across the thermal interface material (TIM).
* **Plastic Push Pins:** Used to lock the heat sink into pre-drilled holes on the PCB.
* **Reliability:** This system prevents the heat sink from shifting or losing contact during vibration or shipping.
#### B. Thermal Performance
The "C2" suffix typically denotes the thermal performance grade. This heat sink is optimized for **forced air cooling** (environments with fans). The straight fin design allows for low pressure drop, making it efficient in systems where airflow is directed across the board.
#### C. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides electrical insulation and improves thermal radiation and corrosion resistance.
---
### 3. Applications
This part is commonly found in:
* **Networking Equipment:** Switches and routers.
* **Industrial PCs:** High-heat processors in compact enclosures.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does blue anodizing compare to black anodizing in thermal performance?
- ⤷ What is the recommended thermal interface material (TIM) for this heat sink?