ATS-04H-186-C2-R0
AI

The **ATS-04H-186-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** heat sink assembly series, designed specifically for thermal management in electronic components such as CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 2.80 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.49 °C/W |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Weight** | 58.07 grams |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Component Design Details
#### A. Attachment Mechanism: pushPIN™
Unlike standard clip-on heat sinks, this part uses the **pushPIN™ system**.
* **Compression Spring:** It utilizes a brass or plastic pin with a stainless steel spring to provide precise pressure.
* **Secure Fit:** This ensures the heat sink remains in constant contact with the heat source, even during vibration or mechanical shock.
#### B. Heat Sink Geometry
* **Fin Pitch:** It features a **COARSE-PITCH** design. This is ideal for systems where airflow is somewhat restricted or provided by low-velocity fans.
* **Pattern:** The fin layout is optimized for a **Square** footprint (45mm), which matches common high-power electronic packages.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base.
* This eliminates the need for manual application of thermal paste.
* It ensures a high degree of thermal conductivity between the electronic chip and the aluminum body of the heat sink.
---
### 3. Electronic Application Use-Cases
This specific part is typically found in the following electronic environments:
1. **Industrial PCs:** Cooling processors in fan-less or low-airflow chassis.
2. **Network Switches:** Managing heat for high-speed packet processing chips.
3. **Power Supplies:** Dissipating heat from MOSFETs or IGBTs.
4. **Telecommunications:** Used on PCB boards where space is optimized but heat density is high.
---
- ⤷
What is the difference between coarse-pitch and fine-pitch heat sinks in electronic cooling?
- ⤷ How does the pushPIN™ mechanism compare to traditional screw-on heat sinks?
- ⤷ Can the T766 thermal interface material be replaced if the heat sink is reused?