ATS-04H-153-C2-R0
AI

The **ATS-04H-153-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** heat sink assembly series, designed specifically for thermal management in electronic components such as CPUs, GPUs, and other high-heat-generating ICs.
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 4.05 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.14 °C/W @ 100 LFM |
| **Attachment Hardware** | Brass / Plastic Pins & Stainless Steel Springs |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features and Components
#### A. The Fin Profile
The "H" in the part number indicates a **High-Performance** fin profile. These fins are designed to maximize surface area while maintaining an optimal pressure drop, allowing for efficient heat dissipation even in restricted airflow environments.
#### B. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses a mechanical fastening system:
* **Push Pins:** These are inserted through pre-drilled holes in the Printed Circuit Board (PCB).
* **Compression Springs:** They provide a precise and consistent downward force (pressure), ensuring that the heat sink maintains perfect contact with the electronic component.
* **Reliability:** Mechanical mounting is more vibration-resistant than thermal tape or epoxy.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** thermal material pre-applied to the base. This material fills microscopic gaps between the heat sink and the chip, significantly reducing thermal resistance at the contact point.
---
### 3. Application Use Cases
The ATS-04H-153-C2-R0 is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Industrial PCs:** Cooling embedded processors in compact enclosures.
3. **Power Electronics:** Managing heat for MOSFETs or voltage regulators.
4. **Automotive:** Cooling control units (ECUs) where vibration resistance is critical.
---
- ⤷
What is the difference between ducted and unducted thermal resistance for this heat sink?
- ⤷ Can the pushPIN hardware be reused if the heat sink is removed?
- ⤷ Is the T766 thermal interface material suitable for high-temperature industrial environments?