ATS-04H-121-C2-R0
AI

The **ATS-04H-121-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability.
---
### 1. Technical Specifications
The following table summarizes the core electronic and physical attributes of the part:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (Brass) |
| **Spring Type** | Compression Spring (Stainless Steel) |
| **Thermal Resistance** | 9.48°C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Breakdown
#### A. The Heat Sink Body
The part utilizes a **straight-fin design** made from aluminum. This maximizes surface area for convective cooling. The "C2" in the part number indicates the material/finish grade, which in this case is a blue anodized coating that protects against corrosion and increases thermal emissivity.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or permanent solder, this part uses a mechanical push-pin system.
* **Brass Pins:** Provide a secure, vibration-resistant connection to the PCB.
* **Compression Springs:** Ensure consistent pressure between the heat sink and the electronic chip, which is critical for efficient heat transfer.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with **T766**. In electronics, the TIM fills microscopic air gaps between the component (heat source) and the heat sink. This reduces thermal resistance significantly compared to "dry" mounting.
---
### 3. Thermal Performance Profile
Thermal resistance is measured in °C/W (Degrees Celsius per Watt), indicating how much the temperature rises for every watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (Ducted) | Thermal Resistance (Unducted) |
| :--- | :--- | :--- |
| 100 (0.5 m/s) | 4.43 °C/W | 9.48 °C/W |
| 300 (1.5 m/s) | 2.01 °C/W | 3.20 °C/W |
| 500 (2.5 m/s) | 1.47 °C/W | 2.13 °C/W |
---
### 4. Applications
This part is commonly found in:
* **Network Switches/Routers:** Cooling high-speed processing ASICs.
* **Embedded Systems:** Industrial PCs where space is limited but heat is high.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I determine the correct hole pattern on my PCB for this heat sink?
- ⤷ Can the T766 thermal interface material be replaced with a different brand?