ATS-04F-68-C2-R0
AI

The **ATS-04F-68-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is designed for cooling electronic components such as CPUs, GPUs, and power transistors in environments with high airflow.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 15mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Thermal Resistance** | 15.31°C/W (at 100 LFM) to 1.73°C/W (at 700 LFM) |
| **Pressure Drop** | 0.11 in-H2O (at 200 LFM) |
---
## 2. Component Features
* **pushPIN™ Attachment:** This model uses a spring-loaded pin system for mounting. This ensures precise pressure across the interface material, optimizing heat transfer from the chip to the sink.
* **Cross-Cut/Straight Fin Design:** The fin geometry is optimized for forced convection (fans). It provides a high surface area to dissipate heat quickly while maintaining a low profile.
* **Pre-Applied Interface:** Most "R0" series parts come with **Phase Change Material (PCM)** or high-performance Thermal Interface Material (TIM) pre-applied to the base for immediate installation.
---
## 3. Ideal Use Cases
This heat sink is typically used in the following electronic systems:
1. **Networking Hardware:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and high-density power modules.
4. **Telecommunications:** Base stations and signal processing units.
---
## 4. Part Number Breakdown
The suffix **"C2"** indicates the thermal interface material and finish. In this case, it usually refers to a Blue Anodized finish with a specific T766 thermal pad or equivalent. The **"R0"** indicates the revision level and packaging standard.
- ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W chip?
- ⤷ Are there alternative fin designs for low-airflow environments?