ATS-04F-19-C2-R0
AI

The **ATS-04F-19-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Heat Sink Type** | Fine Pitch (Blue Anodized) |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 9.77 °C/W (at 100 LFM) to 2.27 °C/W (at 600 LFM) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 20mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Breakdown
#### A. The Fin Design
The ATS-04F-19-C2-R0 utilizes a **straight-fin** geometry. The "fine pitch" design maximizes the surface area within a small footprint, allowing for high-efficiency heat transfer in systems with forced air cooling (fans).
#### B. The Push-Pin Attachment
Instead of using adhesive tape or screws that go through the PCB, this part uses **brass push-pins** with steel springs.
* **Mechanical Stability:** Provides consistent pressure on the component, improving thermal contact.
* **Ease of Assembly:** Can be installed manually or via automated equipment by snapping the pins into pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The base of the heat sink comes pre-applied with **T766**. This is a phase-change material or high-performance grease that fills microscopic air gaps between the chip and the heat sink base to ensure optimal heat conduction.
---
### 3. Part Number Decoding (Nomenclature)
Understanding the "ATS-04F-19-C2-R0" naming convention helps in identifying its characteristics:
1. **ATS:** Manufacturer (Advanced Thermal Solutions).
2. **04:** Product series/family.
3. **F:** Fin style (Fine pitch).
4. **19:** Specific internal design identifier.
5. **C2:** Material/Finish (typically Blue Anodized Aluminum).
6. **R0:** RoHS compliance and revision status.
---
### 4. Application Environments
* **Telecommunications:** Used in routers and switches to cool ASICs.
* **Computing:** Secondary cooling for chipsets or power delivery modules (VRMs).
* **Industrial:** High-density power supplies and embedded systems.
- ⤷
What is the hole pattern diameter required on the PCB for this heat sink?
- ⤷ How does the thermal resistance change if the airflow velocity increases?
- ⤷ Can the T766 thermal interface material be replaced with a different compound?