ATS-04F-142-C2-R0
AI

The **ATS-04F-142-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is designed for thermal management in electronic devices, specifically for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Thermal Resistance** | 10.07° C/W (@ 100 LFM) |
| **Airflow Pattern** | Fine-pitch, Straight Fin |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the product's features:
- **ATS**: Manufacturer (Advanced Thermal Solutions).
- **04**: Heat sink series/height category.
- **F**: Fin pitch/style (Fine pitch).
- **142**: Dimensional code (30mm x 30mm base).
- **C2**: Thermal Interface Material (TIM) and color. "C2" typically indicates **T766 Phase Change Material** and a **Blue Anodized** finish.
- **R0**: Revision or packaging code.
---
### 3. Key Component Features
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a **push-pin and spring mechanism**. This provides:
- **Uniform Pressure**: Ensures the heat sink is pressed firmly against the component for maximum heat transfer.
- **Reusability**: Can be removed and reattached easily during maintenance or testing.
- **Secure Mounting**: Pre-drilled holes in the PCB are required to lock the pins.
#### B. Fine-Pitch Straight Fins
The straight fin design is optimized for **forced air cooling** (environments with a fan). The high fin density increases the surface area, allowing heat to dissipate more efficiently into the passing airstream.
#### C. Pre-Applied TIM (Thermal Interface Material)
The base comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the chip and the heat sink base, significantly reducing thermal resistance compared to air.
---
### 4. Application Use Cases
* **Networking Hardware**: Routers and switches with high-speed processors.
* **Embedded Systems**: Industrial computers or controllers.
* **Power Supplies**: Cooling voltage regulators or power transistors.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used in a passive (fanless) cooling setup?