công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-04F-119-C2-R0

  • AI
    The **ATS-04F-119-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs. ### 1. Component Overview The "push-pin" design provides a secure mechanical attachment to the Printed Circuit Board (PCB), ensuring consistent pressure between the heat source and the heatsink. | Attribute | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Type** | Push-Pin (Plastic or Brass) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Technical Specifications This part is characterized by its fin geometry and dimensions, which determine its cooling efficiency under various airflow conditions. * **Physical Dimensions:** * **Length/Width:** 45.00 mm x 45.00 mm * **Height:** 20.00 mm (Low profile for tight spaces) * **Fin Style:** **Cross-Cut**. This design allows airflow from multiple directions, making it ideal for systems with complex or non-linear air paths. * **Thermal Resistance:** * Evaluated in °C/W (Degrees Celsius per Watt). * Performance varies based on airflow (LFM - Linear Feet per Minute). Typically, higher LFM leads to lower thermal resistance. --- ### 3. Key Electronic Functions While the part itself is passive (no moving parts), its electronic role is critical for system stability: 1. **Thermal Dissipation:** Transfers heat from the junction of a semiconductor to the ambient air to prevent **Thermal Throttling** or hardware failure. 2. **EMI Shielding (Secondary):** Large aluminum masses can occasionally provide minor electromagnetic interference (EMI) reduction depending on grounding. 3. **Mechanical Protection:** The rigid structure protects the delicate silicon die from physical impact or pressure. --- ### 4. Part Number Breakdown The nomenclature follows the ATS standard: `ATS` (Manufacturer) - `04` (Series) - `F` (Fin Pitch) - `119` (Specific Design) - `C2` (Blue Anodized Finish) - `R0` (Revision/Packaging). ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of a cross-cut fin design compared to straight fins?
    • ⤷ How do I calculate the required airflow for this specific heatsink?
    • ⤷ What is the difference between plastic and brass push-pins for PCB mounting?