ATS-04D-96-C2-R0
AI

The **ATS-04D-96-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height (H)** | 30.00 mm |
| **Pitch (Fins)** | Fine Pitch |
| **Pattern** | Straight Fin |
| **Thermal Resistance** | 5.63 °C/W (Unducted Flow @ 100 LFM) |
---
### 2. Component Breakdown
The "electronic parts" of this assembly include more than just the metal block. The system consists of:
* **Heat Sink Body:** A 40x40mm aluminum block with vertical fins. The fin density is optimized for "Fine Pitch," which provides a high surface area for heat dissipation in airflow-rich environments.
* **pushPIN™ Fasteners:** These are the mechanical components that pass through the PCB. They ensure high-pressure contact between the heat sink and the heat source (like a CPU or FPGA).
* **Compression Springs:** These sit on the pushPINs to provide a constant, uniform "downward force," preventing the heat sink from shifting during vibration or thermal expansion.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a high-performance thermal pad or grease that fills microscopic air gaps between the component and the heat sink.
---
### 3. Application Use Cases
This part is commonly found in the following electronic sectors:
* **Telecommunications:** Cooling of networking switches and routers.
* **Embedded Computing:** High-speed processors in industrial PCs.
* **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
---
### 4. Part Number Decoder
Understanding the nomenclature helps identify the exact features:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **04:** Part series.
* **D:** Attachment type (pushPIN).
* **96:** Specific fin and base geometry.
* **C2:** Material/Performance grade (Blue Anodized).
* **R0:** Revision/Packaging code.
- ⤷
What is the thermal resistance of this heat sink at higher airflow speeds like 500 LFM?
- ⤷ What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ Does this model support custom thermal interface materials instead of the pre-applied T766?