ATS-04D-41-C2-R0
AI

The **ATS-04D-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to PCBs (Printed Circuit Boards).
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Straight (Cross-cut) |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 10.02°C/W @ 100 LFM (Linear Feet per Minute) |
| **Pressure Method** | Compression Spring |
---
### 2. Detailed Component Breakdown
#### A. The Heat Sink Body
The main body is constructed from high-quality aluminum. It features a **cross-cut fin pattern**, which maximizes surface area for heat dissipation. This design is optimized for environments with moving air (forced convection) but can also function in natural convection scenarios.
#### B. The Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the `-R0` suffix indicates a mechanical attachment:
* **Pins:** Brass pins that go through pre-drilled holes in the PCB.
* **Springs:** Provide high-pressure contact between the heat sink and the electronic component (CPU, GPU, or ASIC) to ensure efficient heat transfer.
#### C. Interface Material (TIM)
The base of the ATS-04D-41-C2-R0 usually comes with **T766 Phase Change Material** or a similar thermal interface pre-applied. This fills the microscopic air gaps between the component and the metal base.
---
### 3. Part Number Decoder
Understanding the naming convention helps in identifying the specific variant:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **04D** | Series (Push-pin, 40mm width/length) |
| **41** | Specific Height/Fin Configuration profile |
| **C2** | Blue Anodized Finish / Specific Spring Tension |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Typical Applications
This part is commonly found in industrial and consumer electronics where chips generate significant heat but the board is subject to vibration (making mechanical pins safer than glue).
* **Networking:** Routers, Switches, and Gateways.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
* **Embedded Computing:** Single Board Computers (SBCs) or FPGA modules.
- ⤷
What are the PCB hole requirements for the push-pin installation?
- ⤷ How does the thermal resistance change at higher airflow (e.g.
- ⤷ 500 LFM)?
- ⤷ Are there alternative finish options besides blue anodized for this model?