ATS-04D-142-C2-R0
AI

The **ATS-04D-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series, designed specifically for thermal management in electronic systems.
### 1. Technical Specifications
The following table outlines the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-04D-142-C2-R0 |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 10.07° C/W @ 100 LFM |
| **Fin Style** | Fine Pitch (straight fins) |
---
### 2. Key Design Components
#### A. Thermal Interface Material (TIM)
The "R0" suffix indicates that this part comes pre-applied with **Phase Change Material (PCM)** or a high-performance thermal pad. This ensures maximum heat transfer between the electronic component (CPU, FPGA, or MOSFET) and the aluminum base by filling microscopic air gaps.
#### B. pushPIN™ Attachment
Unlike adhesive tapes, this heat sink uses a mechanical **pushPIN™** system.
* **Springs:** Provide consistent pressure (Force) to maintain optimal contact.
* **Brass/Plastic Pins:** Secure the unit into pre-drilled holes on the PCB.
#### C. Fin Geometry
The "Fine Pitch" design is optimized for **forced air cooling** (active cooling with a fan). The spacing between the aluminum fins is calculated to maximize surface area while minimizing pressure drop as air flows through the sink.
---
### 3. Applications
This part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed signal processors.
2. **Embedded Systems:** Protecting compact SoCs (System on Chips).
3. **Power Electronics:** Dissipating heat from voltage regulators or motor drivers.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can this heat sink be used with a 30mm fan directly mounted?