ATS-04B-76-C2-R0
AI

The **ATS-04B-76-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is part of the "pushPIN™" series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications, design, and technical features.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-04B-76-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 11.50 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Design Components
### A. Fin Pattern (Straight Fin)
The "76" in the part number indicates a specific fin density and geometry. This model utilizes a **Straight Fin** design, which is ideal for systems where the airflow direction is consistent and predictable.
### B. Attachment Mechanism (pushPIN™)
Instead of using adhesive tapes or simple clips, this part uses the pushPIN™ system:
* **Spring-loaded:** Ensures even pressure across the surface of the electronic component (CPU, GPU, or MOSFET).
* **Flexible Mounting:** Designed to fit specific hole patterns on a PCB to prevent the heat sink from shifting during vibration or shipping.
### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the component, significantly reducing thermal resistance.
---
## 3. Performance Data (Airflow)
Thermal performance varies based on the velocity of the air moving through the fins (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100** | 11.50 |
| **200** | 4.41 |
| **300** | 2.96 |
| **400** | 2.40 |
| **500** | 2.10 |
---
## 4. Typical Applications
This component is generally used to cool small-form-factor electronics, including:
* **Microprocessors:** Smaller CPUs in embedded systems.
* **Networking Gear:** Cooling chipsets in routers or switches.
* **Power Supplies:** Managing heat for high-output transistors.
- ⤷
How do I calculate the required hole pattern on a PCB for the pushPIN attachment?
- ⤷ What is the difference between Blue Anodized and other finishes for thermal performance?
- ⤷ Can the pre-applied T766 material be replaced with standard thermal paste?