công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-04B-29-C2-R0

  • AI
    The **ATS-04B-29-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, or power transistors. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal properties: | Feature | Specification | | :--- | :--- | | **Component Type** | Heat Sink (Push-Pin style) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 20mm | | **Attachment Method** | Push-Pin with Brass Springs | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | | **Airflow Path** | MaxiFLOW™ (High performance) | --- ### 2. Design and Functional Features #### A. MaxiFLOW™ Technology This heat sink features a **fluted fin design** which increases the surface area compared to standard straight-fin heat sinks. This design maximizes the cooling potential from available airflow. #### B. Push-Pin Attachment The "-R0" indicates a push-pin mounting system. This allows for: * **Secure Installation:** Uses a brass spring and plastic pin to apply consistent pressure to the chip. * **Easy Assembly:** No specialized tools are required for high-volume manufacturing. * **Safety:** Reduces the risk of damaging the PCB during installation. #### C. Thermal Performance The efficiency of this part depends on the airflow (Measured in Linear Feet per Minute - LFM). * **Low Airflow:** Higher thermal resistance. * **High Airflow:** Significant heat dissipation for high-power electronics. --- ### 3. Usage Context This part is typically used in industrial and high-reliability environments, such as: * **Networking Equipment:** Switches, routers, and base stations. * **Embedded Systems:** Industrial PCs and controllers. * **Power Supplies:** Cooling voltage regulators and MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the thermal resistance for this specific heat sink?
    • ⤷ What are the alternatives to push-pin mounting for this size?
    • ⤷ Can this heat sink be used with a fan attachment?