ATS-04B-101-C3-R0
AI

The **ATS-04B-101-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** heat sink assembly series, designed specifically for thermal management in electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### Technical Specifications
Below are the primary mechanical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance (Flow)** | 6.77 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 1.30 °C/W @ 400 LFM |
| **Spring Type** | ATS-PPS-04 |
---
### Key Components & Design Features
#### 1. Heat Sink Geometry
* **Fin Pitch:** This model uses a **Fine-Pitch** design, which increases the surface area available for heat dissipation.
* **Airflow optimization:** The layout is designed to work efficiently with forced air (fans) while maintaining low pressure drop.
#### 2. Attachment Mechanism (pushPIN™)
The "04" in the part number refers to the specific attachment kit.
* **Spring-loaded bolts:** Ensures consistent pressure between the heat sink and the chip to maximize thermal transfer.
* **Ease of Install:** Designed for quick assembly on PCBs with pre-drilled holes.
#### 3. Thermal Interface Material (TIM)
The **"C3"** designation in the part number typically refers to the thermal interface material:
* **Pre-applied:** This model comes with a high-performance thermal grease or pad pre-applied to the base, reducing assembly time and ensuring a uniform bond.
#### 4. Material and Finish
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized:** The finish is not just aesthetic; anodizing increases surface emissivity and protects the aluminum from corrosion.
---
### Typical Applications
* **Networking Gear:** Switches and routers where high-speed processing generates significant heat.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Cooling MOSFETs or power modules in space-constrained environments.
- ⤷
What are the different attachment options available for the pushPIN series?
- ⤷ How does the 'C3' thermal interface compare to other ATS options?
- ⤷ Can this heat sink be used for passive cooling applications?