ATS-04A-101-C2-R0
AI

The **ATS-04A-101-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed primarily for cooling electronic components like BGA (Ball Grid Array) packages.
### 1. Technical Specifications
Below are the primary electronic and physical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.69°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Attachment Method** | superGRIP Clip (Secure Mechanical) |
| **Fin Style** | Straight Fin |
---
### 2. Key Electronic Features
#### A. Thermal Management
The primary electronic role of this part is **heat dissipation**. High-speed processors, FPGAs, and ASICs generate significant heat; this heat sink prevents thermal throttling or permanent damage by maintaining the junction temperature within safe limits.
#### B. superGRIP Attachment
Unlike adhesive tapes that can fail under high temperatures or vibration, the `ATS-04A-101-C2-R0` uses a mechanical clip system:
* **No PCB Holes:** It attaches directly to the component, saving board space.
* **Uniform Pressure:** Ensures a consistent interface between the chip and the heat sink, maximizing thermal conductivity.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it typically comes pre-applied with high-performance thermal tape or grease (often **Chomerics T766**), which fills microscopic air gaps between the chip and the metal surface.
---
### 3. Application Use Cases
This specific model is commonly used in the following electronic environments:
* **Telecommunications:** High-speed routers and switches.
* **Power Supplies:** Cooling voltage regulators.
* **Industrial PC:** Protecting CPUs in fanless or high-airflow enclosures.
* **Embedded Systems:** Cooling SoC (System on Chip) components.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying its properties:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **04A:** Series designation.
* **101:** Specific dimensions and fin configuration.
* **C2:** Thermal Interface Material (TIM) type.
* **R0:** Revision code / Rohs Compliant.
- ⤷
What is the airflow sensitivity (LFM) required for this heat sink to reach optimal performance?
- ⤷ Can the superGRIP clip be reused if the component is replaced?
- ⤷ How does blue anodizing affect the thermal emissivity compared to bare aluminum?