ATS-03F-70-C2-R0
AI

The **ATS-03F-70-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part is defined by its material properties, dimensions, and thermal resistance capabilities.
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded bolts) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Pitch** | Fine Pitch |
| **Fin Pattern** | Straight Fin |
| **Thermal Resistance** | 8.70°C/W (at 100 LFM) to 1.50°C/W (at 700 LFM) |
---
### 2. Key Components & Design Features
#### A. The Fin Design
* **Straight Fin Geometry:** This model uses vertical straight fins. This design is optimized for **forced air cooling** (where a fan is used).
* **Fine Pitch:** The "F" in the part number indicates a fine pitch, meaning the fins are spaced closely together to maximize surface area for heat dissipation within a small footprint.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or fragile plastic clips, this part uses a mechanical system consisting of:
* **Brass Bolts:** High-durability pins that pass through the PCB.
* **Stainless Steel Springs:** Provide precise "firm" pressure (compression) against the chip to ensure maximum thermal transfer.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually denotes that the part comes with **T766** pre-applied thermal phase-change material or a high-performance thermal pad, ensuring no air gaps exist between the heat sink and the electronic component.
---
### 3. Electronic Performance Summary
The thermal resistance of this part varies significantly based on the airflow (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.70 |
| 300 (1.5 m/s) | 2.80 |
| 500 (2.5 m/s) | 1.90 |
| 700 (3.5 m/s) | 1.50 |
---
### 4. Typical Applications
* **Networking Equipment:** Switches and routers where high-speed processors generate significant heat.
* **Industrial Power Supplies:** Cooling power transistors and MOSFETs.
* **Embedded Computing:** Compact motherboards where space for a cooling solution is limited but thermal loads are high.
---
- ⤷What is the difference between Fine Pitch and Ultra Fine Pitch in ATS heat sinks?
- ⤷ How do I calculate if the 1.50°C/W resistance is sufficient for my specific chip TDP?
- ⤷ Are there alternative attachment methods if my PCB doesn't have mounting holes?