ATS-03F-48-C2-R0
AI

The **ATS-03F-48-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount components.
---
### 1. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Fine Pitch (Cross-Cut) |
| **Attachment Method** | Push Pin (Spring-loaded) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 30.00mm x 30.00mm |
| **Height (Off Base)** | 25.00mm |
| **Thermal Resistance** | 7.52°C/W (at 100 LFM) |
---
### 2. Key Features and Electronic Design
The "C2" designation in the part number indicates a specific thermal interface and material profile. Here is a breakdown of the electronic design elements:
#### A. Fin Geometry
* **Design:** This heat sink uses a **cross-cut fin pattern**, which allows for multi-directional airflow.
* **Benefit:** In compact electronic enclosures where airflow direction may be unpredictable, the cross-cut design ensures heat is dissipated regardless of which way the internal fans are blowing.
#### B. Attachment (pushPIN™ System)
* **Mechanism:** It uses a spring-loaded push-pin mechanism.
* **Electronic Safety:** This provides a consistent "Pre-set Pressure" against the electronic component (CPU/FPGA), ensuring maximum thermal contact without the risk of cracking the silicon die or warping the PCB.
#### C. Thermal Interface Material (TIM)
* **T766 Phase Change:** This specific model typically comes pre-applied with **T766**, a high-performance thermal pad.
* **Function:** It fills the microscopic air gaps between the heat sink and the electronic chip to lower contact resistance.
---
### 3. Application Use Cases
This part is commonly found in the following electronic sectors:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-density power modules.
---
### 4. Part Number Decoder (ATS-03F-48-C2-R0)
| Segment | Meaning |
|:---|:---|
| **ATS** | Advanced Thermal Solutions (Brand) |
| **03** | Number of Push Pins / Style |
| **F** | Fine Pitch Fin design |
| **48** | Specific model/dimension code |
| **C2** | Thermal Interface Type (T766) and Anodized Finish |
| **R0** | RoHS Compliant |
- ⤷
What is the significance of the 7.52°C/W thermal resistance rating in practical cooling?
- ⤷ Can this heat sink be used with a different mounting mechanism if the PCB lacks push-pin holes?
- ⤷ How does the Blue Anodized finish affect the electronic performance or durability?