ATS-03F-34-C2-R0
AI

The **ATS-03F-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number itself contains encoded information about its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (typically AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimension (Length/Width)** | 35.00 mm x 35.00 mm |
| **Height** | 25.00 mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 6.73°C/W (at 1.0 m/s airflow) |
---
### 2. Key Electronic Features
#### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system. This provides:
* **Constant Pressure:** Ensures optimal contact with the electronic component for maximum heat transfer.
* **Vibration Resistance:** Securely locks the heat sink to the PCB, making it suitable for automotive or industrial environments.
* **Reusability:** Allows for easy removal and re-application during maintenance.
#### B. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes pre-applied with **T766 thermal phase change material**. This eliminates the need for manual application of thermal paste, ensuring a uniform and high-conductivity layer between the chip and the aluminum base.
#### C. Straight Fin Design
The straight fin geometry is optimized for **forced convection** (active cooling with a fan). The gaps between the fins allow air to flow through efficiently, removing heat from the large surface area of the aluminum structure.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "Mid-Range" thermal solution, commonly used for:
1. **Network Switches/Routers:** Cooling ASICs and processors.
2. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
3. **Power Supplies:** Cooling voltage regulators (VRMs) that generate significant heat under load.
---
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How does thermal resistance change as airflow velocity increases for this part?
- ⤷ What are the compatible PCB hole patterns for the pushPIN attachment?