ATS-03F-210-C2-R0
AI

The **ATS-03F-210-C2-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "pushPIN™" thermal management series designed to cool electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Value |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pins & Springs) |
| **Thermal Resistance** | 5.18 °C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 25mm |
| **Pitch (Fin spacing)** | Fine Pitch |
---
### 2. Physical Design Features
* **Fin Profile:** The "210" designation refers to a specific fin geometry designed for optimal airflow. It utilizes a **cross-cut** or **straight-fin** pattern (depending on the specific revision) to maximize surface area for heat dissipation.
* **Attachment Mechanism:** It uses the **pushPIN™** system. This consists of a spring-loaded plastic pin that snaps into pre-drilled holes in the Printed Circuit Board (PCB). This ensures constant pressure for better heat transfer without needing complex tools.
* **Thermal Interface Material (TIM):** The unit comes with **T766** phase-change material already applied to the base. This eliminates the need for manual thermal paste application and ensures a low-resistance thermal bond between the chip and the aluminum.
---
### 3. Performance Analysis
The effectiveness of this heat sink depends heavily on the airflow (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.18 |
| 300 (1.5 m/s) | 1.90 |
| 500 (2.5 m/s) | 1.28 |
*Interpretation: At higher fan speeds (500 LFM), the heat sink is significantly more efficient, lowering the temperature difference between the chip and ambient air to just 1.28 degrees per Watt of power.*
---
### 4. Application Use-Cases
* **Embedded Systems:** Cooling processors in industrial computers.
* **Networking Gear:** Cooling ASICs in high-speed switches or routers.
* **Power Electronics:** Dissipating heat from large MOSFETs or power modules.
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?