ATS-03F-154-C2-R0
AI

The **ATS-03F-154-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "pushPIN™" component line. It is designed specifically for cooling electronic components like CPUs, GPUs, and other integrated circuits.
### 1. Technical Specifications
The part is characterized by its physical dimensions and thermal management capabilities.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Fin Type** | Straight Fin |
| **Dimensions** | 40.00 mm x 40.00 mm x 15.00 mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Interface Material (TIM)** | T766 (High performance) |
| **Finish** | Blue Anodized |
---
### 2. Key Components & Electronics Context
This part is not an "electronic component" in the sense of having a PCB, but rather a **thermal management solution** essential for electronics.
#### A. Thermal Performance
The efficiency of this heat sink is measured by its thermal resistance (lower is better). In a typical airflow environment:
* **Thermal Resistance (Unducted):** Approx. 7.58 °C/W (at 100 LFM).
* **Thermal Resistance (Ducted):** Approx. 1.84 °C/W (at 200 LFM).
#### B. The pushPIN™ Mechanism
Unlike adhesive-based heat sinks, this model uses a mechanical mounting system:
* **Springs:** Provides a precise and constant downward pressure on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM).
* **Pins:** Designed to fit into pre-drilled holes on a PCB (Printed Circuit Board).
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates it comes pre-applied with **T766 thermal grease**. This material fills microscopic air gaps between the electronic component’s package and the heat sink, significantly increasing heat transfer efficiency.
---
### 3. Applications
This specific size and mounting style are commonly found in:
* **Networking Equipment:** Routers and switches with high-speed processors.
* **Industrial PCs:** Compact systems requiring passive or active airflow cooling.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What are the alternative mounting methods for heat sinks if pushPIN is not suitable?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a cooling fan for active thermal management?