ATS-03F-101-C2-R0
AI

The **ATS-03F-101-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the **blueICE™** series, specifically designed for thermal management of electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Fin Type** | Straight Fin |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Pressure Drop** | 0.13 in-H2O (at 100 LFM) |
---
### 2. Key Design Features
* **pushPIN™ Attachment System:** This part utilizes a specialized spring-loaded pin mechanism. It ensures consistent pressure on the electronic component (TIM - Thermal Interface Material), which is critical for maximizing heat transfer efficiency.
* **Straight Fin Geometry:** The vertical fins are optimized for directional airflow. This design is best used in systems with a dedicated cooling fan or high-velocity ducting.
* **Blue Anodized Coating:** Beyond aesthetics, the anodization process protects the aluminum from corrosion and slightly improves radiant heat emissivity.
* **Pre-applied Thermal Interface (TIM):** This specific model typically comes with **T766** phase-change material or similar, ensuring immediate, high-quality thermal contact upon installation.
---
### 3. Electronic Application
The ATS-03F-101-C2-R0 is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network processors and FPGA modules.
2. **Embedded Systems:** Industrial PCs where high-profile cooling is required within a small footprint (45mm footprint).
3. **Power Electronics:** Managing heat for MOSFET arrays or power converters that generate significant waste heat in a localized area.
---
- ⤷
What are the benefits of the pushPIN™ system compared to adhesive thermal tape?
- ⤷ How does the fin height (30mm) affect the thermal performance versus air pressure drop?
- ⤷ Is this heat sink compatible with standard 45mm chipsets?