ATS-03D-79-C2-R0
AI

The part number **ATS-03D-79-C2-R0** refers to a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). This component belongs to the "pushPIN™" family, designed for cooling electronic integrated circuits (ICs) and surface-mount devices (SMD).
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded pins) |
| **Heat Sink Type** | Fine Pitch (Square Fin) |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm |
| **Thermal Resistance** | 2.63 °C/W (at 100 LFM) |
---
### 2. Physical Design and Construction
* **Fin Pattern:** This model uses a **Fine-Pitch** fin design. This maximizes the surface area within a small 25mm footprint, making it ideal for high-density PCB layouts where airflow is available but space is limited.
* **Material:** It is made of lightweight aluminum for rapid heat dissipation.
* **Thermal Interface Material (TIM):** The "R0" suffix typically indicates that the part comes with a pre-applied **T766 Phase Change Material**, which ensures high thermal conductivity between the component and the heat sink.
### 3. Attachment Mechanism (pushPIN™)
The "pushPIN™" system is a specialized mounting hardware included with this part. It consists of:
1. **Brass or Plastic Pins:** Designed to fit into industry-standard holes on the PCB.
2. **Compression Springs:** These provide precise, constant pressure on the electronic component (CPU, FPGA, etc.), ensuring optimal thermal contact without damaging the silicon die or the board.
### 4. Thermal Performance
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 2.63 |
| 200 | 1.0 | 1.70 |
| 300 | 1.5 | 1.43 |
| 400 | 2.0 | 1.28 |
---
### 5. Part Number Decoding
The part number can be broken down to understand its features:
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **03:** Product Series
* **D:** Attachment Style (Specific pin type)
* **79:** Dimensions/Geometry code
* **C2:** Material/Fin finish (Blue Anodized)
* **R0:** Packaging and Thermal Interface Material (TIM)
- ⤷What is the difference between Blue Anodized and Black Anodized heat sinks?
- ⤷ How do I calculate the required hole size for the pushPIN attachment?
- ⤷ Are there custom height variations available for the ATS-03 series?