ATS-03D-41-C2-R0
AI

The **ATS-03D-41-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **push-pin** heat sink product line designed for efficient cooling of electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Pin Material** | Brass |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~10.02 °C/W (at low airflow) to ~2.26 °C/W (at high airflow) |
---
### 2. Design Components
The "Electronic" assembly of this part consists of several mechanical elements that work together to manage thermal loads:
* **Finned Structure:** The "41" series typically features a straight-fin or cross-cut design. This increases the surface area available for convection cooling.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** phase-change material. This fills microscopic air gaps between the component and the heat sink base to maximize heat transfer.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, the push-pin mechanism provides specific downward pressure. This ensures a consistent mechanical bond and improves thermal conductivity across the interface.
---
### 3. Part Number Breakdown
The part number follows the standard ATS nomenclature:
1. **ATS**: Advanced Thermal Solutions (Manufacturer).
2. **03D**: Specifies the series/mounting style (Push-pin type).
3. **41**: Indicates the physical footprint/dimensions (40x40mm).
4. **C2**: Refers to the specific thermal performance/height configuration (25mm height).
5. **R0**: Standard revision/production code.
---
### 4. Application Use-Cases
This heat sink is commonly used in the following electronic environments:
* **Embedded Systems:** Cooling SoCs (System on Chips).
* **Networking Gear:** Cooling high-speed switches and routers.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the exact thermal resistance of this part at 200 LFM (Linear Feet per Minute)?
- ⤷ Does the ATS-03D-41-C2-R0 come with the required springs and pins included?
- ⤷ Can this heat sink be used for passive cooling without a fan?