công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-03D-124-C2-R0

  • AI
    The **ATS-03D-124-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*, specifically part of their "maxiFLOW" series. It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors. ### 1. Technical Specifications The following table summarizes the physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 3.28°C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 25.00mm | | **Fin Pattern** | COARSE-PITCH | | **Compatibility** | Universal / Square and Rectangular footprints | --- ### 2. Key Features and Design #### A. maxiFLOW™ Fin Geometry The "C2" designation refers to the specific fin design. The maxiFLOW profile features a flared fin structure which increases surface area for maximum heat dissipation while maintaining a low pressure drop. This is ideal for high-velocity airflow environments. #### B. pushPIN™ Attachment System Instead of simple adhesives, this model uses a **pushPIN™** system: * **Secure Fit:** It uses a brass or plastic pin and a high-performance compression spring. * **Constant Pressure:** Ensures consistent contact between the heat sink and the component, improving thermal transfer. * **Pre-drilled Holes:** Requires specific hole patterns on the PCB for mounting. #### C. Thermal Interface Material (TIM) The part usually comes with a pre-applied **Phase Change Material (PCM)** or a high-performance thermal pad. This eliminates the need for manual application of thermal grease during assembly. --- ### 3. Electronic Application Use-Cases * **Power Electronics:** Dissipating heat from MOSFETs or IGBTs in power supplies. * **Telecommunications:** Cooling ASICs and FPGAs in networking switches and routers. * **Computing:** Used as a secondary cooler for auxiliary chips or embedded processors on motherboards. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB hole dimensions required for the pushPIN attachment?
    • ⤷ How does the thermal resistance change as the Airflow (LFM) increases for this model?
    • ⤷ Is this heat sink compatible with non-standard chip sizes using different thermal pads?