ATS-03D-101-C2-R0
AI

The **ATS-03D-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Weight** | ~48 grams |
---
### 2. Design and Physical Dimensions
The "101" series features a **fine-pitch design** optimized for high-performance airflow environments.
* **Height:** 30mm
* **Width/Length:** 40mm x 40mm
* **Fin Style:** Straight fin design for low pressure drop and efficient heat transfer.
* **Base:** Flat surface for direct contact with the component (usually requires Thermal Interface Material / TIM).
---
### 3. Key Electronic Component Features
#### A. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, the **ATS-03D-101-C2-R0** uses a mechanical push-pin system. This provides:
* **Constant Pressure:** A pre-assembled compression spring ensures the heat sink maintains firm contact with the heat source.
* **Reliability:** Mechanical mounting is less likely to fail over time compared to thermal tape or epoxy in high-vibration environments.
#### B. Thermal Performance
The "C2" designation typically refers to the thermal performance grade and material composition. The aluminum construction provides a balance between weight and thermal conductivity.
#### C. Airflow Optimization
The straight-fin geometry is designed for **forced-air cooling**. It is most effective when paired with a fan or placed within a chassis with established airflow paths (LFM - Linear Feet per Minute).
---
### 4. Implementation Requirements
To use this part in an electronic circuit design, the PCB must have:
1. **Drill Holes:** Precise holes matched to the push-pin pitch (usually 33mm centers for this size).
2. **Clearance:** A 40mm x 40mm "keep-out" zone to accommodate the footprint.
3. **TIM:** A thermal pad or grease must be applied between the chip and the heat sink base to fill microscopic air gaps.
- ⤷
What is the exact hole pitch required for the push-pin installation?
- ⤷ How does blue anodizing affect the thermal emissivity of this heat sink?
- ⤷ Can this heat sink be used with a 40mm fan attached directly to the fins?