AI

The **ATS-03D-08-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors on a PCB.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 14.61°C/W (Unducted @ 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic) with Compression Spring |
| **Fin Type** | Fine Pitch (High Surface Area) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a specific coding logic used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **03D**: Refers to the specific series and mounting hole configuration.
* **08**: Internal sizing/geometric code for the heatsink base.
* **C2**: Indicates the material/finish (Aluminum, Blue Anodized).
* **R0**: Revision or packaging designator.
---
### 3. Key Electronic Functions
While a heatsink is a passive mechanical part, its role in an electronic system is critical for the following reasons:
1. **Thermal Management**: It increases the surface area of a heat-generating component (like an Integrated Circuit), allowing air to carry heat away more efficiently.
2. **Reliability (MTBF)**: By keeping the junction temperature ($T_j$) of a semiconductor low, it exponentially increases the Mean Time Between Failures.
3. **Efficiency**: Many power components (FETs/Regulators) operate more efficiently at lower temperatures, reducing internal resistance.
---
### 4. Mounting & Installation
This part uses a **Push-Pin** system, which is favored in electronics manufacturing for several reasons:
* **Mechanical Stability**: The spring-loaded pins provide consistent pressure (load) on the chip, ensuring the Thermal Interface Material (TIM) fills all microscopic gaps.
* **Ease of Assembly**: It requires two pre-drilled holes in the PCB, allowing for quick "snap-in" installation during mass production.
* **Vibration Resistance**: The springs absorb mechanical shock, preventing the heatsink from cracking the silicon die during transport.
- ⤷
What are the recommended PCB hole sizes for the ATS push-pin series?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ What is the difference between ducted and unducted thermal resistance in this context?