ATS-03D-06-C2-R0
AI

The **ATS-03D-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Part Number** | ATS-03D-06-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 20.17 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 4.56 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **TIM (Thermal Interface Material)** | T766 (High Performance) |
---
### 2. Key Electronic Features
#### A. Fine Pitch Fin Design
The "06" in the part number indicates the fin pattern. This heat sink utilizes a **Fine Pitch** straight fin design. This increases the total surface area, allowing for better heat dissipation in systems where there is high-velocity airflow (active cooling).
#### B. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766 thermal grease**.
* **Purpose:** It fills the microscopic air gaps between the heat sink base and the electronic component (IC).
* **Benefit:** Reduces contact resistance and ensures maximum heat transfer from the silicon to the aluminum fins.
#### C. pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the pushPIN™ system uses a flexible spring-loaded mechanism.
* **Constant Pressure:** Ensures the heat sink maintains a firm, even contact with the chip over time.
* **Mechanical Stability:** Protects the electronic part from shifting during vibration or shipping.
---
### 3. Thermal Performance Summary
As air velocity increases, the thermal resistance drops significantly, allowing the electronic part to operate at lower temperatures.
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 20.17 | 8.11 | 4.67 | 3.33 |
---
### 4. Typical Applications
* **Embedded Systems:** Cooling small form-factor processors.
* **Telecommunications:** Cooling ASICs and network switch chips.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the advantages of the Blue Anodized finish on this heat sink?
- ⤷ How does the pushPIN mounting system compare to thermal adhesive tape?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?