ATS-03B-75-C3-R0
AI

The **ATS-03B-75-C3-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and power modules.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Red Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
## 2. Key Features
### A. Attachment System (Push Pin & Spring)
Unlike adhesive-based heat sinks, the **R0** designation indicates a mechanical attachment.
* **Brass Push Pins:** Provide a secure and durable mount to the PCB.
* **Compression Springs:** Ensure consistent pressure between the heat sink and the component, which is critical for maximizing heat transfer.
### B. Thermal Performance
* **Low Profile:** At only 10mm high, it is ideal for space-constrained enclosures (1U servers or small form factor devices).
* **Thermal Resistance:** It is designed to work with directed airflow. The efficiency increases significantly as the CFM (Cubic Feet per Minute) of the system fan increases.
### C. Thermal Interface Material (T412)
The unit comes with **T412** pre-applied to the base.
* **Benefit:** This eliminates the need for manual paste application.
* **Performance:** T412 is a high-performance phase-change material that offers low thermal impedance and fills microscopic air gaps.
---
## 3. Physical Dimensions (mm)
| Dimension | Value |
| :--- | :--- |
| **Length (A)** | 45.0 mm |
| **Width (B)** | 45.0 mm |
| **Height (C)** | 10.0 mm |
| **Pin Spread (E)** | 38.0 mm |
---
## 4. Typical Applications
* **Network Switches:** Cooling ASICs and high-speed processors.
* **Industrial PCs:** Cooling embedded chipsets.
* **Power Electronics:** Managing heat for VRMs (Voltage Regulator Modules).
- ⤷
What is the thermal resistance value (Celsius/Watt) for this heat sink at specific airflows?
- ⤷ How does the T412 interface material compare to standard thermal grease?
- ⤷ Is a specific PCB hole diameter required for the brass push pins?