ATS-02F-101-C2-R0
AI

The **ATS-02F-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure they operate within safe temperature limits.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 30mm |
---
### 2. Physical Design Features
The part utilizes a specific architectural design to maximize cooling efficiency:
* **Straight Fin Pattern:** The vertical fins are arranged to allow airflow to pass through easily, which is ideal for systems with directed air movement (active cooling).
* **Push-Pin Mounting:** This part uses a specialized "push-pin" attachment mechanism. It involves a spring-loaded pin that snaps into pre-drilled holes on a Printed Circuit Board (PCB), providing consistent pressure for better thermal contact.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves surface emissivity for heat radiation.
---
### 3. Thermal Performance (Deg C/W)
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 6.69 | 2.50 | 1.74 |
---
### 4. Components in the Assembly
* **Heatsink Body:** The aluminum structure that conducts heat away from the chip.
* **Springs:** Provides the necessary force to keep the heatsink flush against the component.
* **Push-Pins:** Brass or plastic pins that lock the assembly to the PCB.
* **Thermal Interface Material (TIM):** Usually pre-applied to the bottom to fill microscopic air gaps between the heatsink and the electronic chip.
---
- ⤷
What are the PCB hole requirements for mounting the ATS-02F-101-C2-R0?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heatsink be used with a custom fan attachment?