ATS-02A-89-C2-R0
AI

## Technical Overview: ATS-02A-89-C2-R0
The **ATS-02A-89-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Thermal Resistance (Unducted)** | 7.94 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.62 °C/W @ 100 LFM |
---
### 2. Design and Physical Dimensions
The design of the ATS-02A-89-C2-R0 focuses on maximizing surface area while maintaining a compact footprint for dense PCB layouts.
* **Heat Sink Profile:** It features a **Straight-Fin** design. This allows for optimal airflow in a single direction, making it ideal for systems with chassis fans.
* **Dimensions:**
* **Length:** 35.00 mm
* **Width:** 35.00 mm
* **Height:** 20.00 mm (measured from the base to the top of the fins)
* **Pitch/Pattern:** The hole pattern for the push-pin attachment is typically 40.00 mm x 40.00 mm.
---
### 3. Mounting and Thermal Interface
The "C2" and "R0" designations in the part number refer to the specific configuration of the mounting hardware and the thermal interface material (TIM).
1. **Push Pin Mechanism:** It uses a spring-loaded plastic push pin. This ensures consistent pressure between the heat sink and the component, which is critical for heat transfer.
2. **Thermal Interface Material (TIM):** This specific model comes pre-applied with **T766** thermal phase change material. This eliminates the need for manual application of thermal paste and ensures high thermal conductivity.
3. **Springs:** The assembly utilizes stainless steel springs to maintain the attachment force over the life of the product.
---
### 4. Thermal Performance Comparison
Performance varies significantly based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :---: | :---: | :---: | :---: | :---: |
| **Resistance (Unducted)** | 7.94 | 2.77 | 1.61 | 1.18 | 0.97 |
| **Resistance (Ducted)** | 1.62 | 1.04 | 0.85 | 0.75 | 0.68 |
---
- ⤷
How does the 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ What are the advantages of using push pins over screw-based mounting?
- ⤷ Can this heat sink be used with components that generate more than 50W of heat?