ATS-02A-40-C2-R0
AI

The **ATS-02A-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push pin" attachment series, designed to cool integrated circuits and other surface-mount components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimension (L x W)** | 40.00mm x 40.00mm |
| **Height** | 25.00mm |
| **Thermal Resistance** | 14.56°C/W (at 100 LFM) |
| **Flow Orientation** | Vertical or Horizontal (Omnidirectional) |
---
### 2. Key Electronic Components & Design
This part is not an "active" electronic component (like a transistor) but an "essential passive" mechanical part designed for electronic systems.
#### A. Fin Design (XC Series)
The "XC" or cross-cut design features a pattern of square or rectangular pins/fins. This design is highly effective for:
* **Omnidirectional Airflow:** It can receive cooling air from any direction, unlike straight-fin heatsinks that require the air to move parallel to the fins.
* **Turbulence Generation:** The pin structure breaks up the boundary layer of air, increasing heat transfer efficiency.
#### B. The Interface Material (TIM)
The part usually comes pre-applied with **thermal interface material (TIM)**. In the case of the "C2" suffix, this typically refers to a high-performance thermal pad or grease that fills the microscopic air gaps between the heatsink base and the electronic chip (e.g., BGA, CPU, or FPGA).
#### C. Push-Pin Attachment Mechanism
Instead of using adhesive tape (which can fail under heat) or screws (which require holes in the PCB), this part uses:
* **Plastic Push-Pins:** These provide a consistent "clamping force" on the electronic component.
* **Compression Springs:** These ensure that even as the board expands or vibrates, the heatsink maintains a tight thermal connection with the chip.
---
### 3. Common Applications
This heatsink is typically found cooling the following electronic parts:
1. **Processors (CPUs/GPUs):** Low-to-medium power embedded processors.
2. **FPGAs/ASICs:** High-speed programmable logic devices that generate significant localized heat.
3. **Power Electronics:** Voltage regulators or MOSFET modules that require surface area to dissipate heat into the chassis airflow.
- ⤷
What are the specific thermal resistance values at higher airflow speeds like 500 LFM?
- ⤷ How does the 'C2' designation in the part number affect the choice of thermal interface material?
- ⤷ What is the recommended hole diameter on the PCB for the push-pin mounting?